PART |
Description |
Maker |
AQV202AX AQV102 AQV101AX |
Solid State Relay (with MOSFET Output) 6pin DIP (Form A, Normally-Open) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Panasonic, Corp. PANASONIC CORP
|
AQV414EA |
Solid State Relay (with MOSFET Output) 6pin DIP (Form B, Normally-Closed) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Panasonic, Corp.
|
AQV255 AQV258AZ |
Solid State Relay (with MOSFET Output) 6pin DIP (Form A, Normally-Open) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
PANASONIC CORP
|
SN-A24B SN-A200BF SN-A100BF SN-A12B SN-D100BF SN-D |
SOLID STATE RELAY (I/O Module) MAXIMUM LOAD CURRENT 1 A TRANSISTOR OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX 20 X 5 MM, 17 MM HEIGHT, ROHS COMPLIANT, ULTRA SLIM PACKAGE-4
|
Fujitsu Component Limited. http:// FUJITSU Component., Ltd.
|
53254 |
40VDC - 10A SOLID STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
OCM104DPF-R2 OCM114DPF-R2 OCM124DPF-R2 OCM145DPF-R |
TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX TRANSISTOR OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX
|
Oki Electric Industry Co., Ltd.
|
HA6050-10 HD6025-10 HD6025F-10 |
IC,Normally-Closed Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX PLASTIC PACKAGE-4
|
NXP Semiconductors N.V. Crydom, Inc.
|
70S2-04-B-03-V |
TRANSISTOR OUTPUT SOLID STATE RELAY
|
GRAYHILL INC
|
PS7802A-1A-F3-A PS7802A-1A PS7802A-1A-A PS7802A-1A |
TRANSISTOR OUTPUT SOLID STATE RELAY, 500 V ISOLATION-MAX 4-PIN ULTRA SMALL FLAT-LEAD, LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
|
NEC
|
LR1200480D25 LR600240D25 |
IC,Normally-Open PC-Mount Solid-State Relay,1-CHANNEL,Module TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Crydom, Inc.
|
OCMS246LD-R1 |
TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
OKI ELECTRIC INDUSTRY CO LTD
|
LH1510AAB |
TRANSISTOR OUTPUT SOLID STATE RELAY, 5300 V ISOLATION-MAX
|
INFINEON TECHNOLOGIES AG
|